this document was generated on 03/11/2010 please check www.molex.com for latest part information part number: 0351641302 status: active description: 2.50mm (.098") pitch board-in housing, 13 circuits, red documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-35164-001 (pdf) general product family crimp housings series 35164 product name board-in physical circuits (maximum) 13 circuits detail 13 color - resin red gender male glow-wire compliant no keying to mating part none lock to mating part no material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm polarized to mating part no stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 3a material info reference - drawing numbers product specification ps-35164-001 sales drawing sd-35164-**0* series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35164 series mates with 350479802 board-in terminal this document was generated on 03/11/2010 please check www.molex.com for latest part information
|